Part Number Hot Search : 
53120 DMR14A P202K T04CO T04CO AK8855 KBP304G VQ100
Product Description
Full Text Search
 

To Download MC74VHC405111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 may, 2011 ? rev. 6 1 publication order number: mc74vhc4051/d mc74vhc4051, mc74vhc4052, mc74vhc4053 analog multiplexers / demultiplexers high ? performance silicon ? gate cmos the mc74vhc4051, mc74vhc4052 and mc74vhc4053 utilize silicon ? gate cmos technology to achieve fast propagation delays, low on resistances, and low off leakage currents. these analog multiplexers/demultiplexers control analog voltages that may vary across the complete power supply range (from v cc to v ee ). the vhc4051, vhc4052 and vhc4053 are identical in pinout to the high ? speed hc4051a, hc4052a and hc4053a, and the metal ? gate mc14051b, mc14052b and mc14053b. the channel ? select inputs determine which one of the analog inputs/outputs is to be connected, by means of an analog switch, to the common output/input. when the enable pin is high, all analog switches are turned off. the channel ? select and enable inputs are compatible with standard cmos outputs; with pullup resistors they are compatible with lsttl outputs. these devices have been designed so that the on resistance (r on ) is more linear over input voltage than r on of metal ? gate cmos analog switches. ? fast switching and propagation speeds ? low crosstalk between switches ? diode protection on all inputs/outputs ? analog power supply range (v cc ? v ee ) = 2.0 to 12.0 v ? digital (control) power supply range (v cc ? gnd) = 2.0 to 6.0 v ? improved linearity and lower on resistance than metal ? gate counterparts ? low noise ? chip complexity: vhc4051 ? 184 fets or 46 equivalent gates vhc4052 ? 168 fets or 42 equivalent gates vhc4053 ? 156 fets or 39 equivalent gates ? these devices are pb ? free and are rohs compliant http://onsemi.com marking diagrams see detailed ordering and shipping information in the package dimensions section on page 14 of this data sheet. ordering information soic ? 16 d suffix case 751b tssop ? 16 dt suffix case 948f 1 8 9 16 1 8 16 9 vhc405xg awlyyww vhc405x = specific device code (x = 1, 2 or 3) a = assembly location l, wl = wafer lot y, yy = year w, ww = work week g or  = pb ? free package vhc 405x alyw   soic eiaj ? 16 m suffix case 966 1 16 9 8 vhc405x alywg (note: microdot may be in either location)
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 2 mc74vhc4051 single ? pole, 8 ? position plus common off x0 13 x1 14 x2 15 x3 12 x4 1 x5 5 x6 2 x7 4 a 11 b 10 c 9 enable 6 multiplexer/ demultiplexer x 3 analog inputs/ channel inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common output/ input outputs select mc74vhc4052 double ? pole, 4 ? position plus common off x0 12 x1 14 x2 15 x3 11 y0 1 y1 5 y2 2 y3 4 a 10 b 9 enable 6 x switch y switch x 13 analog inputs/outputs channel\select inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common outputs/inputs y 3 mc74vhc4053 triple single ? pole, double ? position plus common off x0 12 x1 13 a 11 b 10 c 9 enable 6 x switch y switch x 14 analog inputs/outputs channel\select inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common outputs/inputs y0 2 y1 1 y 15 z0 5 z1 3 z 4 z switch note: this device allows independent control of each switch. channel ? select input a controls the x ? switch, input b controls the y ? switch and input c controls the z ? switch figure 1. logic diagrams
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 3 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x0 x3 a b c x4 x6 x x7 x5 enable v ee gnd figure 2. pinout: mc74vhc4051 (top view) figure 3. pinout: mc74vhc4052 (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x x0 x3 a b y0 y2 y y3 y1 enable v ee gnd figure 4. pinout: mc74vhc4053 (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 y x x1 x0 a b c y1 y0 z1 z z0 enable v ee gnd l l l l h h h h x l l h h l l h h x l h l h l h l h x function table ? mc74vhc4051 control inputs on channels enable select cba x0 x1 x2 x3 x4 x5 x6 x7 none l l l l l l l l h x = don?t care l l h h x l h l h x function table ? mc74vhc4052 control inputs on channels enable select ba x0 x1 x2 x3 l l l l h x = don?t care y0 y1 y2 y3 none l l l l h h h h x l l h h l l h h x l h l h l h l h x function table ? mc74vhc4053 control inputs on channels enable select cba l l l l l l l l h x = don?t care z0 z0 z0 z0 z1 z1 z1 z1 y0 y0 y1 y1 y0 y0 y1 y1 x0 x1 x0 x1 x0 x1 x0 x1 none
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 4 ??????????????????????? ??????????????????????? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ???? v cc ?????????????? ?????????????? ?????????????? ????? ????? ????? ??? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ? 0.5 to v cc + 0.5 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 25 ??? ??? ???? ???? ???? ?????????????? ?????????????? ?????????????? ????? ????? ????? ??? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ???  c ???? ???? ?????????????? ?????????????? ????? ????? ??? ???  c *maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. ?derating ? soic package: ? 7 mw/  c from 65  to 125  c tssop package: ? 6.1 mw/  c from 65  to 125  c recommended operating conditions ???? ???? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ?? ?? ???? ???? ???? v cc ????????????????????????? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ??? ??? ?? ?? ?? ???? ???? ????????????????????????? ????????????????????????? ??? ??? ? 6.0 ??? ??? ?? ?? ???? ???? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ?? ?? ???? ???? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ?? ?? ???? ???? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ?? ?? ???? ???? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ?? ??  c ???? ???? ???? ????????????????????????? ????????????????????????? ????????????????????????? ??? ??? ??? ??? ??? ??? ?? ?? ?? ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 5 dc characteristics ? digital section (voltages referenced to gnd) v ee = gnd, except where noted symbol parameter condition v cc v guaranteed limit unit ? 55 to 25 c 85 c 125 c v ih minimum high ? level input voltage, channel ? select or enable inputs r on = per spec 2.0 3.0 4.5 6.0 1.50 2.10 3.15 4.20 1.50 2.10 3.15 4.20 1.50 2.10 3.15 4.20 v v il maximum low ? level input voltage, channel ? select or enable inputs r on = per spec 2.0 3.0 4.5 6.0 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 v i in maximum input leakage current, channel ? select or enable inputs v in = v cc or gnd, v ee = ? 6.0 v 6.0 0.1 1.0 1.0 a i cc maximum quiescent supply current (per package) channel select, enable and v is = v cc or gnd; v ee = gnd v io = 0 v v ee = ? 6.0 6.0 6.0 1 4 10 40 40 80 a dc electrical characteristics analog section ???? ???? ???? ???? symbol ????????? ????????? ????????? ????????? ???????? ???????? ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ?????????? ?????????? ?? ?? ?? ?? ???? ???? ????  c ???? ???? ????  85  c ???? ???? ????  125  c ???? ???? ???? ???? ???? ???? r on ????????? ????????? ????????? ????????? ????????? ????????? ???????? ???????? ????????  2.0 ma (figures 5 through 11) ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?? ?? ?? ?? ?? ?? ???????? ???????? ???????? ???????? v in = v il or v ih v is = v cc or v ee (endpoints) i s  2.0 ma (figures 5 through11) ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? r on ????????? ????????? ????????? ????????? ???????? ???????? ???????? ???????? ? v ee ) i s  2.0 ma ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?? ?? ?? ?? i off maximum off ? channel leakage current, any one channel v in = v il or v ih ; v io = v cc ? v ee ; switch off (figure 12) 6.0 ? 6.0 0.1 0.5 1.0 a maximum off ? channel vhc4051 leakage current, vhc4052 common channel vhc4053 v in = v il or v ih ; v io = v cc ? v ee ; switch off (figure 13) 6.0 6.0 6.0 ? 6.0 ? 6.0 ? 6.0 0.2 0.1 0.1 2.0 1.0 1.0 4.0 2.0 2.0 i on maximum on ? channel vhc4051 leakage current, vhc4052 channel ? to ? channel vhc4053 v in = v il or v ih ; switch ? to ? switch = v cc ? v ee ; (figure 14) 6.0 6.0 6.0 ? 6.0 ? 6.0 ? 6.0 0.2 0.1 0.1 2.0 1.0 1.0 4.0 2.0 2.0 a
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 6 ac characteristics (c l = 50 pf, input t r = t f = 6 ns) symbol parameter v cc v guaranteed limit unit ? 55 to 25 c 85 c 125 c t plh , t phl maximum propagation delay, channel ? select to analog output (figures 18, 19) 2.0 3.0 4.5 6.0 270 90 59 45 320 110 79 65 350 125 85 75 ns t plh , t phl maximum propagation delay, analog input to analog output (figures 20, 21) 2.0 3.0 4.5 6.0 40 25 12 10 60 30 15 13 70 32 18 15 ns t plz , t phz maximum propagation delay, enable to analog output (figures 22, 23) 2.0 3.0 4.5 6.0 160 70 48 39 200 95 63 55 220 110 76 63 ns t pzl , t pzh maximum propagation delay, enable to analog output (figures 22, 23) 2.0 3.0 4.5 6.0 245 115 49 39 315 145 69 58 345 155 83 67 ns c in maximum input capacitance, channel ? select or enable inputs 10 10 10 pf c i/o maximum capacitance analog i/o 35 35 35 pf (all switches off) common o/i: vhc4051 vhc4052 vhc4053 130 80 50 130 80 50 130 80 50 feedthrough 1.0 1.0 1.0 c pd power dissipation capacitance (figure 25)* vhc4051 vhc4052 vhc4053 typical @ 25 c, v cc = 5.0 v, v ee = 0 v pf 45 80 45 * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc .
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 7 additional application characteristics (gnd = 0 v) symbol parameter condition v cc v v ee v limit* unit 25 c bw maximum on ? channel bandwidth or minimum frequency response (figure 15) f in = 1mhz sine wave; adjust f in voltage to obtain 0dbm at v os ; increase f in frequency until db meter reads ? 3db; r l = 50 , c l = 10pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ?51 ?52 ?53 mhz 80 80 80 95 95 95 120 120 120 ? off ? channel feedthrough isolation (figure 16) f in = sine wave; adjust f in voltage to obtain 0dbm at v is f in = 10khz, r l = 600 , c l = 50pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ? 50 ? 50 ? 50 db f in = 1.0mhz, r l = 50 , c l = 10pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ? 40 ? 40 ? 40 ? feedthrough noise. channel ? select input to common i/o (figure 17) v in 1mhz square wave (t r = t f = 6ns); adjust r l at setup so that i s = 0a; enable = gnd r l = 600 , c l = 50pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 25 105 135 mv pp r l = 10k , c l = 10pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 35 145 190 ? crosstalk between any two switches (figure 24) (test does not apply to vhc4051) f in = sine wave; adjust f in voltage to obtain 0dbm at v is f in = 10khz, r l = 600 , c l = 50pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ? 50 ? 50 ? 50 db f in = 1.0mhz, r l = 50 , c l = 10pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ? 60 ? 60 ? 60 thd total harmonic distortion (figure 26) f in = 1khz, r l = 10k , c l = 50pf thd = thd measured ? thd source v is = 4.0v pp sine wave v is = 8.0v pp sine wave v is = 11.0v pp sine wave 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 0.10 0.08 0.05 % *limits not tested. determined by design and verified by qualification. figure 5. typical on resistance, v cc ? v ee = 2.0 v figure 6. typical on resistance, v cc ? v ee = 3.0 v 250 200 150 100 50 0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.0 2.25 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 100 80 60 40 20 0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.25 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 25 c -55 c 125 c 25 c -55 c 125 c 2.0 0 300 180 160 140 120 0 2.5 2.75 3.0
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 8 figure 7. typical on resistance, v cc ? v ee = 4.5 v figure 8. typical on resistance, v cc ? v ee = 6.0 v 120 100 80 60 40 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 75 60 45 30 15 0 1.0 2.0 3.0 4.0 5.0 6.0 3.5 4.5 5.5 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 0 25 c -55 c 125 c 25 c -55 c 125 c 90 105 0 0.5 1.5 2.5 figure 9. typical on resistance, v cc ? v ee = 9.0 v figure 10. typical on resistance, v cc ? v ee = 12.0 v -4.5 -3.5 70 60 50 40 30 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 10 -2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 25 c -55 c 125 c 80 0 -6.0 -5.0 60 50 40 30 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 10 -4.0 -3.0 -2.0 2.0 3.0 4.0 5.0 6.0 25 c -55 c 125 c 0 -1.0 1.0 0 figure 11. on resistance test set ? up plotter mini computer programmable power supply dc analyzer v cc device under test + - v ee analog in common out gnd
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 9 figure 12. maximum off channel leakage current, any one channel, test set ? up figure 13. maximum off channel leakage current, common channel, test set ? up figure 14. maximum on channel leakage current, channel to channel, test set ? up figure 15. maximum on channel bandwidth, test set ? up figure 16. off channel feedthrough isolation, test set ? up figure 17. feedthrough noise, channel select to common out, test set ? up off off 6 7 8 16 common o/i v cc v ee v ih nc a v cc v ee v cc off off 6 7 8 16 common o/i v cc v ee v ih analog i/o v cc v ee v cc on off 6 7 8 16 common o/i v cc v ee v il v cc v ee v cc n/c a analog i/o on 6 7 8 16 v cc v ee 0.1 f c l * f in r l db meter *includes all probe and jig capacitance off 6 7 8 16 v cc v ee 0.1 f c l * f in r l db meter *includes all probe and jig capacitance v os v os r l v is v il or v ih channel select on/off 6 7 8 16 v cc v ee c l * r l *includes all probe and jig capacitance channel select test poin t common o/i 11 v cc off/on analog i/o r l r l v cc gnd v in 1 mhz t r = t f = 6 ns
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 10 figure 18. propagation delays, channel select to analog out figure 19. propagation delay, test set ? up channel select to analog out figure 20. propagation delays, analog in to analog out figure 21. propagation delay, test set ? up analog in to analog out figure 22. propagation delays, enable to analog out figure 23. propagation delay, test set ? up enable to analog out v cc gnd channel select analog out 50% t plh t phl 50% on/off 6 7 8 16 v cc c l * *includes all probe and jig capacitance channel select test point common o/i off/on analog i/o v cc v cc gnd analog in analog out 50% t plh t phl 50% on 6 7 8 16 v cc c l * *includes all probe and jig capacitance test point common o/i analog i/o on/off 6 7 8 enable v cc enable 90% 50% 10% t f t r v cc gnd analog out t pzl analog out t pzh high impedance v ol v oh high impedance 10% 90% t plz t phz 50% 50% analog i/o c l * test point 16 v cc 1k 1 2 1 2 position 1 when testing t phz and t pzh position 2 when testing t plz and t pzl
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 11 r l figure 24. crosstalk between any two switches, test set ? up figure 25. power dissipation capacitance, test set ? up figure 26. total harmonic distortion, test set ? up figure 27. plot, harmonic distortion 0 -10 -20 -30 -40 -50 - 100 1.0 2.0 3.125 frequency (khz) db -60 -70 -80 -90 fundamental frequency device source on 6 7 8 16 v ee c l * *includes all probe and jig capacitance off r l r l v is r l c l * v os f in 0.1 f on/off 6 7 8 16 v cc channel select nc common o/i off/on analog i/o v cc a 11 v cc v ee on 6 7 8 16 v cc v ee 0.1 f c l * f in r l to distortion meter *includes all probe and jig capacitance v os v is applications information the channel select and enable control pins should be at v cc or gnd logic levels. v cc being recognized as a logic high and gnd being recognized as a logic low. in this example: v cc = +5v = logic high gnd = 0v = logic low the maximum analog voltage swings are determined by the supply voltages v cc and v ee . the positive peak analog voltage should not exceed v cc . similarly, the negative peak analog voltage should not go below v ee . in this example, the difference between v cc and v ee is ten volts. therefore, using the configuration of figure 28, a maximum analog signal of ten volts peak ? to ? peak can be controlled. unused analog inputs/outputs may be left floating (i.e., not connected). however, tying unused analog inputs and outputs to v cc or gnd through a low value resistor helps minimize crosstalk and feedthrough noise that may be picked up by an unused switch. although used here, balanced supplies are not a requirement. the only constraints on the power supplies are that: v cc ? gnd = 2 to 6 volts v ee ? gnd = 0 to ? 6 volts v cc ? v ee = 2 to 12 volts and v ee gnd when voltage transients above v cc and/or below v ee are anticipated on the analog channels, external germanium or schottky diodes (d x ) are recommended as shown in figure 29. these diodes should be able to absorb the maximum anticipated current surges during clipping.
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 12 analog signal figure 28. application example figure 29. external germanium or schottky clipping diodes a. using pull ? up resistors b. using hct interface figure 30. interfacing lsttl/nmos to cmos inputs on 6 7 8 16 +5v -5v analog signal +5v -5v +5v -5v 11 10 9 to external cmos circuitry 0 to 5v digital signals on/off 7 8 16 v cc v ee v ee d x v cc d x v ee d x v cc d x analog signal on/off 6 7 8 16 +5v v ee analog signal +5v v ee +5v v ee 11 10 9 r * r r lsttl/nmos circuitry +5v * 2k r 10k analog signal on/off 6 7 8 16 +5v v ee analog signal +5v v ee +5v v ee 11 10 9 lsttl/nmos circuitry +5v hct buffer figure 31. function diagram, vhc4051 13 x0 14 x1 15 x2 12 x3 1 x4 5 x5 2 x6 4 x7 3 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 13 figure 32. function diagram, vhc4053 figure 33. function diagram, vhc4052 13 x1 12 x0 1 y1 2 y0 3 z1 5 z0 14 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable 12 x0 14 x1 15 x2 11 x3 1 y0 5 y1 2 y2 4 y3 3 y level shifter level shifter level shifter 10 a 9 b 6 enable 13 x 15 y 4 z
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 14 ordering & shipping information device package shipping mc74vhc4051dr2g soic ? 16 2500 units / tape & reel mc74vhc4051dtr2g tssop ? 16 2500 units / tape & reel mc74vhc4052dr2g soic ? 16 2500 units / tape & reel mc74vhc4052dtr2g tssop ? 16 2500 units / tape & reel mc74vhc4053dr2g soic ? 16 2500 units / tape & reel mc74vhc4053dtr2g tssop ? 16 2500 units / tape & reel mc74vhc4051mg soeiaj ? 16 50 units / rail mc74vhc4052mg soeiaj ? 16 50 units / rail mc74vhc4052melg soeiaj ? 16 2000 units / reel mc74vhc4053mg soeiaj ? 16 50 units / rail
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 15 package dimensions soic ? 16 case 751b ? 05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ? b ? ? a ? m 0.25 (0.010) b s ? t ? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch soldering footprint 16 89 8x
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 16 package dimensions tssop ? 16 case 948f ? 01 issue b ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  section n ? n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 16x ref k n n 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint
mc74vhc4051, mc74vhc4052, mc74vhc4053 http://onsemi.com 17 package dimensions soeiaj ? 16 case 966 ? 01 issue a h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc74vhc4051/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74VHC405111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X